PART |
Description |
Maker |
SUP60N10-16L |
N-Channel 100-V (D-S) 175C MOSFET From old datasheet system N-Channel 100-V (D-S) 175 Degree Celcious MOSFET N-Channel MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
FSF2510 FSF2210 FSN1410 FSN1606 IRF540 |
N Channel MOSFET; Package: TO-254; trr (nsec): 600; t(on) (nsec): 100; ID (A): 25; RDS(on) (Ohms): 0.07; PD (W): 125; BVDSS (V): 100; Rq: 1; VSD (V): 2.3 SMALL SIGNAL, FET N Channel MOSFET; Package: TO-254; trr (nsec): 300; t(on) (nsec): 23; ID (A): 22; RDS(on) (Ohms): 0.1; PD (W): 100; BVDSS (V): 100; Rq: 1.3; VSD (V): 2.5 22 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 250; t(on) (nsec): 14; ID (A): 14; RDS(on) (Ohms): 0.18; PD (W): 50; BVDSS (V): 100; Rq: 2; VSD (V): 2.5 14 A, 100 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET N Channel MOSFET; Package: TO-257; trr (nsec): 220; t(on) (nsec): 21; ID (A): 16; RDS(on) (Ohms): 0.07; PD (W): 50; BVDSS (V): 60; Rq: 2; VSD (V): 1.8 16 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp. STMicroelectronics N.V. MICROSEMI CORP
|
SI4482DY SI4482DY-T1 |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET N-Channel 100-V (D-S) MOSFET N-Channel, 100-V Single
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
PSMN034-100PS |
N-channel 100 V 34.5 m惟 standard level MOSFET in TO220. N-channel 100 V 34.5 mΩ standard level MOSFET in TO220. N-channel 100 V 34.5 m standard level MOSFET in TO220. 32 A, 100 V, 0.0345 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
PPF75N10N |
N Channel MOSFET; Package: TO-258; ID (A): 50; RDS(on) (Ohms): 0.025; PD (W): 300; BVDSS (V): 100; Rq: 0.42; 50 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA
|
Microsemi, Corp.
|
SUP85N10-10 SUB85N10-10 |
N-Channel 100-V (D-S) 175C MOSFET N-Channel MOSFET N-Channel 100-V (D-S) 175 MOSFET
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
PPFL3103E |
N Channel MOSFET; Package: SMD-.5; ID (A): 40; RDS(on) (Ohms): 0.02; PD (W): 100; BVDSS (V): 30; Rq: 1.25; 56 A, 30 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp.
|
|